전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB89P147 데이터시트(PDF) 23 Page - fujitsu semiconductor

부품명 MB89P147
상세설명  8-bit Proprietary Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB89P147 데이터시트(HTML) 23 Page - fujitsu semiconductor

Back Button MB89P147 Datasheet HTML 19Page - fujitsu semiconductor MB89P147 Datasheet HTML 20Page - fujitsu semiconductor MB89P147 Datasheet HTML 21Page - fujitsu semiconductor MB89P147 Datasheet HTML 22Page - fujitsu semiconductor MB89P147 Datasheet HTML 23Page - fujitsu semiconductor MB89P147 Datasheet HTML 24Page - fujitsu semiconductor MB89P147 Datasheet HTML 25Page - fujitsu semiconductor MB89P147 Datasheet HTML 26Page - fujitsu semiconductor MB89P147 Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
MB89143A/144A
4. AC Characteristics
(1) Reset Timing
(AVR = VCC = 5.0 V
±10%, AVSS = VSS = 0.0 V, TA = –40°C to +85°C)
Note: tXCYL is the oscillation cycle (1/FCH) to input to the X0 pin.
(2) Power-on Reset
(AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
Note: Make sure that power supply rises within the selected oscillation stabilization time.
If power supply voltage needs to be varied in the course of operation, a smooth voltage rise is
recommended.
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
RST “L” pulse width
tZLZH
—16 tXCYL
——
ns
RST noise limit width
tZLNC
—
204060
ns
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Max.
Power supply rising
time
tR
——
50
ms
Power-on reset function
only
Power supply cut-off
time
tOFF
—1
—
ms
Due to repeated
operations
0.2 VCC
0.2 VCC
RST
tZLZH
tZLNC
0.2 V
0.2 V
2.0 V
0.2 V
tR
VCC
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com