전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB89P147 데이터시트(PDF) 22 Page - fujitsu semiconductor

부품명 MB89P147
상세설명  8-bit Proprietary Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB89P147 데이터시트(HTML) 22 Page - fujitsu semiconductor

Back Button MB89P147 Datasheet HTML 18Page - fujitsu semiconductor MB89P147 Datasheet HTML 19Page - fujitsu semiconductor MB89P147 Datasheet HTML 20Page - fujitsu semiconductor MB89P147 Datasheet HTML 21Page - fujitsu semiconductor MB89P147 Datasheet HTML 22Page - fujitsu semiconductor MB89P147 Datasheet HTML 23Page - fujitsu semiconductor MB89P147 Datasheet HTML 24Page - fujitsu semiconductor MB89P147 Datasheet HTML 25Page - fujitsu semiconductor MB89P147 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
MB89143A/144A
(Continued)
(AVR = VCC = 5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
Note: The power supply current is measured at the external clock.
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply
current
ICC2
VCC
FCH = 8 MHz,
VCC = 3.5 V,
tinst = 8.0
µs,
when A/D conversion is
stopped
—1.5
2
mA
ICCS1
FCH = 8 MHz
VCC = 5.0 V
tinst = 0.5
µs
—3
7
mA
ICCS2
FCH = 8 MHz
VCC = 3.5 V
tinst = 8.0
µs
—1
1.5
mA
ICCL
FCL = 32.768 kHz
VCC = 3.0 V
Subclock mode
—
50
150
µA
ICCLS
FCL = 32.768 kHz
VCC = 3.0 V
Subclock mode
—25
50
µA
ICCT
FCL = 32.768 kHz
VCC = 3.0 V
• Watch mode
• Main clock stop mode
at dual-clock system
—3
15
µA
ICCH
FCL = 32.768 kHz
TA = +25
°C
• Subclock stop mode
• Main clock stop mode
at single-clock system
——
10
µA
ICCA
FCH = 8 MHz,
VCC = 5.0 V,
TA = +25
°C,
tinst = 0.5
µs,
when A/D conversion is
activated
—
11.5
19.5
mA
When the gear
function is
used, the power
supply current
varies with the
measurement
point.
IR
AVR
FCH = 8 MHz,
TA = +25
°C,
when A/D conversion is
activated
—
200
—
µA
IRH
FCH = 8 MHz,
TA = +25
°C,
when A/D conversion is
stopped
——
10
µA
Input
capacitance
CIN
Other than
AVSS, AVR,
VCC, and VSS
f = 1 MHz
—
10
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com