전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3709 데이터시트(PDF) 24 Page - ams AG

부품명 AS3709
상세설명  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3709 데이터시트(HTML) 24 Page - ams AG

Back Button AS3709 Datasheet HTML 20Page - ams AG AS3709 Datasheet HTML 21Page - ams AG AS3709 Datasheet HTML 22Page - ams AG AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
AS3709 – 24
ams Datasheet, Confidential: 2013-Aug [1-02]
Det a il e d De sc r i pt ion - S y s t em F u nc t i on s
Start-up
Normal Start-up
During a normal reset cycle (e.g. after the battery is inserted),
after V2_5 is above VPOR and VSUP is above ResVoltRise a normal
startup happens:
• Configuration of DCDCs (combined mode or separated) is
read from the Boot-OTP
• Startup State machine reads out the internal Boot-OTP
• Reset-Timer is set by the Boot-OTP
• The reset is released when the Reset Timer expires
(external pin XRES)
Parameter
Figure 33:
ON Input Start-up Condition
Symbol
Parameter
Note
Min
Typ
Max
Unit
VON_IL
ON Low Level Voltage
0.4
V
VON_IH
ON High Level Voltage
1.4
V
ION_PD
ON Pull Down Current
4
12
μA
Detailed Description -
System Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74