전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3709 데이터시트(PDF) 64 Page - ams AG

부품명 AS3709
상세설명  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3709 데이터시트(HTML) 64 Page - ams AG

Back Button AS3709 Datasheet HTML 60Page - ams AG AS3709 Datasheet HTML 61Page - ams AG AS3709 Datasheet HTML 62Page - ams AG AS3709 Datasheet HTML 63Page - ams AG AS3709 Datasheet HTML 64Page - ams AG AS3709 Datasheet HTML 65Page - ams AG AS3709 Datasheet HTML 66Page - ams AG AS3709 Datasheet HTML 67Page - ams AG AS3709 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
AS3709 – 64
ams Datasheet, Confidential: 2013-Aug [1-02]
Applica t io n I n f o rma t ion
Figure 88:
Layout Guidelines 1/2
Layout Guidelines 1/2: This figure shows the recommended layout and placement of the external components for the 5 x 1A application circuit. Red lines and areas are
connections on TOP layer. Grey lines and areas are GND and PVSS connections on TOP layer. Light blue lines and areas are connections on an inner layer or BOTTOM layer.
Black round dots are vias. VSUP areas should be connected to an inner VSUP plane via vias. GND and PVSS areas should be connected to an inner GND plane via vias. A
1
3
5
7
AS3709
QFN 32-pin
4x4mm
Exposed Pad:
GND
24
22
20
18
23
21
19
17
2
4
6
8
33
LX_SD4
PVSS_SD4
VSUP_SD3
LX_SD2
FB_SD1
PVSS_SD1
PVSS_SD5
FB_SD3
FB_SD2
FB_SD1
L5
L4
L3
L1
L2
COUT_SD4
COUT_SD3
COUT_SD1
CIN_SD5
CIN_SD4
CIN_SD3
CIN_SD1
CIN_SD2
LX_SD1
SD5
SD4
SD3
SD2
SD1
FB_SD4
FB_SD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74