전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3911B 데이터시트(PDF) 53 Page - ams AG

부품명 AS3911B
상세설명  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3911B 데이터시트(HTML) 53 Page - ams AG

Back Button AS3911B Datasheet HTML 49Page - ams AG AS3911B Datasheet HTML 50Page - ams AG AS3911B Datasheet HTML 51Page - ams AG AS3911B Datasheet HTML 52Page - ams AG AS3911B Datasheet HTML 53Page - ams AG AS3911B Datasheet HTML 54Page - ams AG AS3911B Datasheet HTML 55Page - ams AG AS3911B Datasheet HTML 56Page - ams AG AS3911B Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 53
Appl icatio n I n f o rm a t i o n
NFC Field ON Commands
These commands are used to perform the RF collision
avoidance and switch the field on in case no collision was
detected. The Collision avoidance threshold defined in the
External Field Detector Threshold Register is used to observe
the RF_IN inputs and to determine whether there is some other
device, which is emitting the 13.56 MHz field, present close to
the AS3911B antenna. In case collision is not detected the
reader field is switched on automatically (bit tx_en in the
Operation Control Register is set) and an IRQ with I_cat flag in
Timer and NFC Interrupt Register is sent after minimum guard
time defined by the NFCIP-1 standard to inform the controller
that message transmission using a Transmit command can be
initiated.
In case a presence of external field is detected an IRQ with I_cac
flag is sent. In such case a transmission cannot be performed,
NFC Field ON command has to be repeated as long as collision
is not detected any more.
Command NFC Initial Field ON performs Initial Collision
Avoidance according to NFCIP-1 standard; number n is defined
by bits nfc_n1 and nfc_n0 in Auxiliary Definition Register.
Command NFC Response Field ON performs Response Collision
Avoidance according to NFCIP-1 standard; number n is defined
by bits nfc_n1 and nfc_n0 in Auxiliary Definition Register.
Command NFC Response Field ON with n=0, performs
Response Collision Avoidance where n is 0.
Implemented active delay time is on lower NFCIP-1
specification limit, since the actual active delay time will also
include detection of the field deactivation, controller
processing delay and sending the NFC Field ON command.
Figure 36:
Direct Command NFC Initial Field ON
Start
RF On
TRFW
TIRFG
n x TRFW
TIDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More