전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5047D 데이터시트(PDF) 13 Page - ams AG

부품명 AS5047D
상세설명  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5047D 데이터시트(HTML) 13 Page - ams AG

Back Button AS5047D Datasheet HTML 9Page - ams AG AS5047D Datasheet HTML 10Page - ams AG AS5047D Datasheet HTML 11Page - ams AG AS5047D Datasheet HTML 12Page - ams AG AS5047D Datasheet HTML 13Page - ams AG AS5047D Datasheet HTML 14Page - ams AG AS5047D Datasheet HTML 15Page - ams AG AS5047D Datasheet HTML 16Page - ams AG AS5047D Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ams Datasheet: 2014-Jun-27 [v1-02]
AS5047D – 13
Detaile d Desc rip t ion
Figure 15:
SPI Read
Figure 16:
SPI Write Data Frame
The parity bit PARD must be calculated from the 16-bit data.
In an SPI write transaction, the write command frame (e.g. Write
ADD[n]) is followed by a data frame (e.g. DATA [x]). In addition
to writing an address in the AS5047D, a write command frame
causes the old contents of the addressed register (e.g. DATA [y])
to be sent on MISO in the following frame. This is followed by
the new contents of the addressed register (DATA [x]) as shown
in Figure 18.
Bit
Name
Description
15
PARD
Parity bit (even)
14
0
Always low
13:0
DATA
Data
Read ADD[n]
Read ADD[k]
CSn
Read ADD[p]
Data ADD[n]
Data ADD[p]
Read ADD[m]
Data ADD[k]
Command
Command
Command
Command
Data
Data
Data
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37