전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5047D 데이터시트(PDF) 18 Page - ams AG

부품명 AS5047D
상세설명  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5047D 데이터시트(HTML) 18 Page - ams AG

Back Button AS5047D Datasheet HTML 14Page - ams AG AS5047D Datasheet HTML 15Page - ams AG AS5047D Datasheet HTML 16Page - ams AG AS5047D Datasheet HTML 17Page - ams AG AS5047D Datasheet HTML 18Page - ams AG AS5047D Datasheet HTML 19Page - ams AG AS5047D Datasheet HTML 20Page - ams AG AS5047D Datasheet HTML 21Page - ams AG AS5047D Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
AS5047D – 18
ams Datasheet: 2014-Jun-27 [v1-02]
De tail ed De sc rip t ion
Figure 29:
SETTINGS2 (0x0019)
Figure 30:
RED (0x001A)
Name
Read/Write/Program
Bit Position
Description
UVWPP
R/W/P
2:0
UVW number of pole pairs
(000 = 1, 001 = 2, 010 = 3, 011 = 4, 100 = 5, 101 =
6, 110 = 7, 111 = 7)
HYS
R/W/P
4:3
Hysteresis setting
ABIRES
R/W/P
7:5
Resolution of ABI
Name
Read/Write/Program
Bit Position
Description
REDUNDANCY
R/W/P
4:0
Redundancy bits. This field enables with
force to high one bit of the Non-Volatile
register map after a non-successful
burning. For more details please refer to
the application note
“AN5000 – AS5147_Redundancy_Bits”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37