| 전자부품 데이터시트 검색엔진 |
|
AS5047D 데이터시트(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047D 데이터시트(HTML) 20 Page - ams AG |
|
20 / 37 page ![]() AS5047D – 20 ams Datasheet: 2014-Jun-27 [v1-02] De tail ed De sc rip t ion Figure 32: ABI Signals at 11-Bit Resolution The Figure 32 shows the ABI signal flow if the magnet rotates in clockwise direction, placing the magnet on the top of the AS5047D and looking at the magnet from the top (DIR=1). With the bit DIR, it is possible to invert the rotation direction. 01 2 3 4 5 6 7 8 N-1 N-2 N-3 N-4 N-5 N-6 1 2 3 4 5 6 7 0 N-1 N-2 N-3 N-4 A B I N-7 Steps Clockwise rotation Counter-clockwise rotation |