전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT91SAM 데이터시트(PDF) 10 Page - ATMEL Corporation

부품명 AT91SAM
상세설명  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM 데이터시트(HTML) 10 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 6Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 7Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 8Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 9Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 10Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 11Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 12Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 13Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
4.2
64-lead LQFP and 64-pad QFN Pinout
Note:
1. The bottom pad of the QFN package must be connected to ground.
Table 4-1.
SAM7S512/256/128/64/321/161 Pinout(1)
1
ADVREF
17
GND
33
TDI
49
TDO
2
GND
18
VDDIO
34
PA6/PGMNOE
50
JTAGSEL
3
AD4
19
PA16/PGMD4
35
PA5/PGMRDY
51
TMS
4
AD5
20
PA15/PGMD3
36
PA4/PGMNCMD
52
PA31
5
AD6
21
PA14/PGMD2
37
PA27/PGMD15
53
TCK
6
AD7
22
PA13/PGMD1
38
PA28
54
VDDCORE
7
VDDIN
23
PA24/PGMD12
39
NRST
55
ERASE
8
VDDOUT
24
VDDCORE
40
TST
56
DDM
9
PA17/PGMD5/AD0
25
PA25/PGMD13
41
PA29
57
DDP
10
PA18/PGMD6/AD1
26
PA26/PGMD14
42
PA30
58
VDDIO
11
PA21/PGMD9
27
PA12/PGMD0
43
PA3
59
VDDFLASH
12
VDDCORE
28
PA11/PGMM3
44
PA2/PGMEN2
60
GND
13
PA19/PGMD7/AD2
29
PA10/PGMM2
45
VDDIO
61
XOUT
14
PA22/PGMD10
30
PA9/PGMM1
46
GND
62
XIN/PGMCK
15
PA23/PGMD11
31
PA8/PGMM0
47
PA1/PGMEN1
63
PLLRC
16
PA20/PGMD8/AD3
32
PA7/PGMNVALID
48
PA0/PGMEN0
64
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50