전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM772 데이터시트(PDF) 2 Page - Hi-Sincerity Mocroelectronics

부품명 HM772
상세설명  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM772 데이터시트(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HM772 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9515
Issued Date : 1997.06.05
Revised Date : 2003.01.10
Page No. : 2/5
HM772
HSMC Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA
BVCEO
-30
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-1
uA
VCB=-30V
IEBO
-
-
-1
uA
VEB=-3V
*VCE(sat)
-
-0.3
-0.5
V
IC=-2A, IB=-0.2A
*VBE(sat)
-
-1
-2
V
IC=-2A, IB=-0.2A
*hFE1
30
-
-
VCE=-2V, IC=-20mA
*hFE2
100
160
500
VCE=-2V, IC=-1A
fT
-
80
-
MHz
VCE=-5V, IC=-100mA, f=100MHz
Cob
-
55
-
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE2
Rank
Q
P
E
Range
100-200
160-320
250-500



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com