전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM772 데이터시트(PDF) 4 Page - Hi-Sincerity Mocroelectronics

부품명 HM772
상세설명  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM772 데이터시트(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  HM772 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HM772 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9515
Issued Date : 1997.06.05
Revised Date : 2003.01.10
Page No. : 4/5
HM772
HSMC Product Specification
Capacitance & Reverse-Biased Voltage
1
10
100
1000
0.1
1
10
100
Reverse-Biased Voltage (V)
Cob
Cutoff Frequency & Collector Current
1
10
100
1000
1
10
100
1000
Collector Current (mA)
VCE=5V
Power Derating
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
200
225
250
Ta (ºC), Ambient Temperature
Safe Operating Area
1
10
100
1000
10000
1
10
100
Forward Biased Voltage-VCE (V)
PT=1ms
PT=100ms
PT=1s



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com