전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMS30004 데이터시트(PDF) 37 Page - Hynix Semiconductor

부품명 GMS30004
상세설명  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 데이터시트(HTML) 37 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 33Page - Hynix Semiconductor GMS30004 Datasheet HTML 34Page - Hynix Semiconductor GMS30004 Datasheet HTML 35Page - Hynix Semiconductor GMS30004 Datasheet HTML 36Page - Hynix Semiconductor GMS30004 Datasheet HTML 37Page - Hynix Semiconductor GMS30004 Datasheet HTML 38Page - Hynix Semiconductor GMS30004 Datasheet HTML 39Page - Hynix Semiconductor GMS30004 Datasheet HTML 40Page - Hynix Semiconductor GMS30004 Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 158 page
background image
3 - 10
(16) CAL a
Naming :
Subroutine Call on status 1
Status :
Conditional depending on the status
Format :
ì
Operand :
Subroutine code address a(Addr)
Function :
When ST =1 , PC
à a(Addr)
PA
à PB
SR1
à PC + 1,
PSR1
à PA
SR2
à SR1
PSR2
à PSR1
SR3
à SR2
PSR3
à PSR2
When ST = 0 PC
à PC + 1
PB
à PS
ST
à 1
Note : PC actually has pseudo-random count against the next
instruction.
<Comment>
• In a program, control is allowed to be transferred to a mutual
subroutine. Since a call instruction preserves the return
address, it is possible to call the subroutine from different
locations in a program, and the subroutine can return control
accurately to the address that is preserved by the use of the
call return instruction (RTN).
Such calling is always conditional depending on the status.
a. If the status is reset, call is not executed.
b. If the status is set, call is rightly executed.
The subroutine stack (SR) of three levels enables a subroutine to
be manipulated on three levels. Besides, a long call (to call
another page) can be executed on any level.
• For a long call, an LPBI instruction should be executed before
the CAL. When LPBI is omitted (and when PA=PB), a short
call (calling in the same page) is executed.
Chapter 3. Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More