| 전자부품 데이터시트 검색엔진 |
|
GMS30004 데이터시트(PDF) 75 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 데이터시트(HTML) 75 Page - Hynix Semiconductor |
|
75 / 158 page ![]() 5 - 21 [e.g.] 1) Example to occur break after passing page 1 address 0 three times. >BP0 100 3 ã ã 2) Example to set a break point at page 5 address 0. >BP 500 ã ã >BL ã ã 0 = 0100 ( 3) 1 = 0500 3) Example to occur break on the main label (in case the main label is at page 5 address 0.) >BP .main ã ã >BL ã ã 0 = 0100 ( 3) 1 = 0500 .MAIN > 4) Example to occur break by No. of steps (50 steps). >BPS 50 ã ã >BL ã ã 0 = 0100 ( 3) 1 = 0500 .MAIN S50 > 5) Example to occur break with input command. >BPI ã ã >G ã ã RUN ******** MC Step Break ******** 0004 00 NOP PC=00 PA=09 PB=00 A=0 X=0 Y=0 ST=1 PMR=0 WD=0000 MC=50 >R R 00 ã ã >G ã ã Chapter 5. Software 6) Example to occur break with output command. >BP0 ã ã >G ã ã RUN Rout=1111 D=11111111 OUT=0 MC=125 ******** Break AT Port Out !! ******** 002F 0D SO PC=00 PA=1E PB=00 A=0 X=0 Y=F ST=1 PMR=0 WD=0000 MC=125 >G ã ã |