| 전자부품 데이터시트 검색엔진 |
|
HM17CM256 데이터시트(PDF) 49 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HM17CM256 데이터시트(HTML) 49 Page - Hynix Semiconductor |
|
49 / 111 page ![]() HM17CM256 - 49 - INSTRUCTION TABLE (2) CODE (80 series I/F) CODE INSTRUCTION CS RS RD WR RE2 RE1 RE0 D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION Gradation palette A0 set (lower) [0H] 0 1 1 0 0 0 1 0 0 0 0 PA03 PA02 PA01 PA00 Set value to gradation palette A0 Gradation palette A0 set (upper) [1H] 0 1 1 0 0 0 1 0 0 0 1 * * * PA04 Set value to gradation palette A0 Gradation palette A1 set (lower) [2H] 0 1 1 0 0 0 1 0 0 1 0 PA13 PA12 PA11 PA10 Set value to gradation palette A1 Gradation palette A1 set (upper) [3H] 0 1 1 0 0 0 1 0 0 1 1 * * * PA14 Set value to gradation palette A1 Gradation palette A2 set (lower) [4H] 0 1 1 0 0 0 1 0 1 0 0 PA23 PA22 PA21 PA20 Set value to gradation palette A2 Gradation palette A2 set (upper) [5H] 0 1 1 0 0 0 1 0 1 0 1 * * * PA24 Set value to gradation palette A2 Gradation palette A3 set (lower) [6H] 0 1 1 0 0 0 1 0 1 1 0 PA33 PA32 PA31 PA30 Set value to gradation palette A3 Gradation palette A3 set (upper) [7H] 0 1 1 0 0 0 1 0 1 1 1 * * * PA34 Set value to gradation palette A3 Gradation palette A4 set (lower) [8H] 0 1 1 0 0 0 1 1 0 0 0 PA43 PA42 PA41 PA40 Set value to gradation palette A4 Gradation palette A4 set (upper) [9H] 0 1 1 0 0 0 1 1 0 0 1 * * * PA44 Set value to gradation palette A4 Gradation palette A5 set (lower) [AH] 0 1 1 0 0 0 1 1 0 1 0 PA53 PA52 PA51 PA50 Set value to gradation palette A5 Gradation palette A5 set (upper) [BH] 0 1 1 0 0 0 1 1 0 1 1 * * * PA54 Set value to gradation palette A5 Gradation palette A6 set (lower) [CH] 0 1 1 0 0 0 1 1 1 0 0 PA63 PA62 PA61 PA60 Set value to gradation palette A6 Gradation palette A6 set (upper) [DH] 0 1 1 0 0 0 1 1 1 0 1 * * * PA64 Set value to gradation palette A6 RE register set [FH] 0 1 1 0 0/1 0/1 0/1 1 1 1 1 TST0 RE2 RE1 RE0 RE flag set Notice 1) * mark is Don’t Care Notice 2) [ ] The inner side number is an address for internal register read. Notice 3) The commands that upper/lower register settings are demanded are effective at the point of commands input. But electric volume is effective after upper and lower register setting. |