전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSFC40 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 MSFC40
상세설명  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MSFC40 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  MSFC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSFC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSFC40 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSFC40 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MSFC40
Document Number: MSFC40
www.smsemi.com
Sep.06,2013
4
Package Outline Information
CASE: F1
Dimensions in mm
Fig6. Gate trigger Characteristics
1/2·MSFC40
VGD125℃
IGD125℃
IGT
VGT
20V;20
Ω
150
W
(0.1
ms
)
100
W
(0.5
ms
)
50W
(8m
s)
∧
PG(tp)
0.001 IG
0.01
0.1
1
10
A 100
100
V
10
1
VG
0.1
1.1
-40℃
25℃
125℃
Tvj
×



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com