전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSFC40 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MSFC40
상세설명  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MSFC40 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MSFC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSFC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSFC40 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSFC40 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSFC40
Document Number: MSFC40
www.smsemi.com
Sep.06,2013
1
Module Type
◆
Diode
Maximum Ratings
Symbol
Item
Conditions
Values
Units
ID
Output Current(D.C.)
Tc=85℃
40
A
IFSM
Surge forward current
t=10mS Tvj =45℃
1000
A
i
2t
Circuit Fusing Consideration
5000
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
Operating Junction Temperature
-40 to +125
℃
Tstg
Storage Temperature
-40 to +125
℃
Mt
Mounting Torque
To terminals(M5)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module(
Approximately)
100
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.33
℃
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink
0.10
℃
/W
Electrical Characteristics
Thyristor/Diode Modules
VRRM / VDRM
800 to 1600V
IFAV / ITAV
40Amp
TYPE
VRRM/VDRM
VRSM
MSFC40-08
MSFC40-12
MSFC40-16
800V
1200V
1600V
900V
1300V
1700V
Applications
Power Converters
Lighting Control
DC Motor Control and Drives
Heat and temperature control
Circuit
MSFC
1
3
2
4
5
Features
International standard package
High Surge Capability
Glass passivated chip
Simple Mounting
Heat transfer through aluminum oxide
DBC ceramic isolated metal baseplate
UL E243882 approved
Symbol
Item
Conditions
Values
Units
Min.
Typ.
Max.
VFM
Forward Voltage Drop, max.
T=25℃ IF =200A
1.95
V
IRRM
Repetitive Peak Reverse Current,
max.
Tvj =25℃ VRD=VRRM
Tvj =125℃ VRD=VRRM
≤0.5
≤6
mA
mA


유사한 부품 번호 - MSFC40

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MSFC110 ETC2-MSFC110 Datasheet
422Kb / 4P
Thyristor/Diode Modules
MSFC110-08 ETC2-MSFC110-08 Datasheet
422Kb / 4P
Thyristor/Diode Modules
MSFC110-12 ETC2-MSFC110-12 Datasheet
422Kb / 4P
Thyristor/Diode Modules
MSFC110-16 ETC2-MSFC110-16 Datasheet
422Kb / 4P
Thyristor/Diode Modules
logo
Kyocera Kinseki Corpota...
MSFC12-83-026K0 KSS-MSFC12-83-026K0 Datasheet
151Kb / 1P
AMPS-IF
More results

유사한 설명 - MSFC40

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com