| 전자부품 데이터시트 검색엔진 |
|
ADAV802 데이터시트(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 데이터시트(HTML) 31 Page - Analog Devices |
|
31 / 53 page ![]() Preliminary Technical Data ADAV802 Rev. Pr G | Page 31 of 53 Table 32. Group Delay and Mute Register MUTE_SRC GRPDLY6-0 7 6,5,4,3,2,1,0 ADDRESS = 0001000 MUTE_SRC Soft Mutes the Output of theSample Rate Converter 0 = No Mute 1 = Soft Mute GRPDLY6-0 Adds delay to the Sample Rate Converter FIR filter by GRPDLY6-0 Input Samples 0000000 = No Delay 0000001 = 1 Sample Delay 0000010 = 2 Sample Delay 1111110 = 126 Sample Delay 1111111 = 127 Sample Delay Table 33. Receiver Configuration 1 Register NO- CLOCK RXCLK1-0 AUTO_ DEEMPH ERR1-0 LOCK1-0 7 6,5 4 3,2 1,0 ADDRESS = 0001001 NOCLOCK Selects the source of the Receiver Clock when the PLL is not locked 0 = The Recovered PLL Clock is used 1 = ICLK1 is used RXCLK1-0 Determines the oversampling ratio of the Recovered Receiver Clock 00 = RxCLK is a 128 × fS recovered clock 01 = RxCLK is a 256 × fS recovered clock 10 = RxCLK is a 512 × fS recovered clock 11 = Reserved AUTO_DEEMPH Automatically de-emphasizes the data from the receiver based on the Channel Status Information 0 = Automatic De-emphasis is disabled 1 = Automatic De-emphasis is enabled ERR1-0 Defines what action the receiver should take if the receiver detects a parity or biphase error 00 = No action will be taken 01 = The last valid sample is held 10 = The invalid sample is replaced with zeros 11 = Reserved LOCK1-0 Defines what action the receiver should take if the PLL loses lock. 00 = No action will be taken 01 = The last valid sample will be held 10 = Zeros will be sent out after the last valid sample 11 = Soft Mute of the last valid audio sample |