| 전자부품 데이터시트 검색엔진 |
|
ADAV802 데이터시트(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 데이터시트(HTML) 44 Page - Analog Devices |
|
44 / 53 page ![]() ADAV802 Preliminary Technical Data Rev. Pr G | Page 44 of 53 Table 68. DAC Control Register 3 RES RES RES RES RES ZFVOL ZFDATA ZFPOL 7 6 5 4 3 2 1 0 ADDRESS = 1100110 ZFVOL DAC Zero Flag on Mute and Zero Volume 0 = Enabled 1 = Disabled ZFDATA DAC Zero Flag on Zero Data Disable 0 = Enabled 1 = Disabled ZFPOL DAC Zero Flag Polarity 0 = Active High 1 = Active Low Table 69. DAC Control Register 4 RES INTRPT ZEROSEL1 ZEROSEL0 RES RES RES RES 7 6 5 4 3 2 1 0 ADDRESS = 1100111 INTRPT This bit selects the functionality of the ZEROL/INT pin 0 = The pin functions as a ZEROL flag pin 1 = The pin functions as an interrupt pin ZEROSEL1-0 These bits control the functionality of the ZEROR pin when the ZEROL/INT pin is used as an interrupt 00 = The pin functions as a ZEROR flag pin 01 = The pin functions as a ZEROL flag pin 10 = The pin is asserted when either the Left or Right channel is zero 10 = The pin is asserted when both the Left and Right channels are zero Table 70. DAC Left Volume Register DVOLL7 DVOLL6 DVOLL5 DVOLL4 DVOLL3 DVOLL2 DVOLL1 DVOLL0 7 6 5 4 3 2 1 0 ADDRESS = 1101000 DVOLL7-0 DAC Left Channel Volume Control 1111111 = 0dBFS 1111110 = -0.375dBFS 0000000 = -95.625dBFS Table 71. DAC Right Volume Register DVOLR7 DVOLR6 DVOLR5 DVOLR4 DVOLR3 DVOLR2 DVOLR1 DVOLR0 7 6 5 4 3 2 1 0 ADDRESS = 1101001 DVOLL7-0 DAC Right Channel Volume Control 1111111 = 0dBFS 1111110 = -0.375dBFS 0000000 = -95.625dBFS |