전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAV802 데이터시트(PDF) 27 Page - Analog Devices

부품명 ADAV802
상세설명  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAV802 데이터시트(HTML) 27 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 23Page - Analog Devices ADAV802_15 Datasheet HTML 24Page - Analog Devices ADAV802_15 Datasheet HTML 25Page - Analog Devices ADAV802_15 Datasheet HTML 26Page - Analog Devices ADAV802_15 Datasheet HTML 27Page - Analog Devices ADAV802_15 Datasheet HTML 28Page - Analog Devices ADAV802_15 Datasheet HTML 29Page - Analog Devices ADAV802_15 Datasheet HTML 30Page - Analog Devices ADAV802_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 27 of 53
CLATCH
CCLK
CIN
COUT
D0
D8
D0
D15
D14
D9
D8
D9
Figure 37. SPI Serial Port Timing Diaram
14
13
12
11
10
98765
43210
R/
W
15
ADDRESS [6:0]
DATA [7:0]
Figure 38. SPI Control Word Format
Block Reads and Writes
The ADAV802 provides the user with the ability to write to or
read from a block of registers in one continuous operation. In
SPI mode, the CLATCH line should be held low for longer than
the 16 CCLK periods to use the block read/write mode. For a
write operation, once the LSB has been clocked into the
ADAV802, on the 16th CCLK the register address as specified
by the first 7 bits of the write operation is incremented and the
next 8 bits will be clocked into the next Register Address. The
read operation is similar. Once the LSB of a read register
operation has been clocked out the Register Address is
incremented and the data from the next register will be clocked
out on the following 8 CCLKs. Figure 39 and Figure 40 show the
timing diagrams for the block write and read operations.
REGISTER
REGISTER DATA
REGISTER+1 DATA REGISTER+2 DATA
R/
W=0
8BITS
8 BITS
8 BITS
8BITS
CLATCH
CIN
Figure 39. SPI Block Write Operation
REGISTER
REGISTER DATA
REGISTER+1 DATA REGISTER+2 DATA
R/
W=1
8BITS
8BITS
8 BITS
8BITS
CLATCH
CIN
DON’T CARE
COUT
Figure 40. SPI Block Reade Operatio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com