전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70353C 데이터시트(PDF) 38 Page - Microchip Technology

부품명 70353C
상세설명  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C 데이터시트(HTML) 38 Page - Microchip Technology

Back Button 70353C Datasheet HTML 34Page - Microchip Technology 70353C Datasheet HTML 35Page - Microchip Technology 70353C Datasheet HTML 36Page - Microchip Technology 70353C Datasheet HTML 37Page - Microchip Technology 70353C Datasheet HTML 38Page - Microchip Technology 70353C Datasheet HTML 39Page - Microchip Technology 70353C Datasheet HTML 40Page - Microchip Technology 70353C Datasheet HTML 41Page - Microchip Technology 70353C Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-38
© 2008-2011 Microchip Technology Inc.
Example 21-2:
Code Example for Extended Data Frame Transmission (Continued)
/* Configure Message Buffer 2 for Transmission and assign priority */
C1TR23CONbits.TXEN2 = 0x1;
C1TR23CONbits.TX2PRI = 0x3;
/* At this point the ECAN1 module is ready to transmit a message. Place the ECAN module in
Normal mode. */
C1CTRL1bits.REQOP = 0;
while(C1CTRL1bits.OPMODE != 0);
/* Write to message buffer 2*/
/* CiTRBnSID = 0bxxx1 0010 0011 1101
IDE = 0b1
SRR = 0b1
SID<10:0> : 0b100 1000 1111 */
ecan1MsgBuf[2][0] = 0x123D;
/* CiTRBnEID = 0bxxxx 1111 0000 0000
EID<17:6> = 0b1111 0000 0000 */
ecan1MsgBuf[2][1] = 0x0F00;
/* CiTRBnDLC = 0b0000 1100 xxx0 1111
EID<17:6> = 0b000011
RTR = 0b0
RB1 = 0b0
RB0 = 0b0
DLC = 0b1000 */
ecan1MsgBuf[2][2] = 0x0C08;
/* Write message data bytes */
ecan1MsgBuf[2][3] = 0xabcd;
ecan1MsgBuf[2][4] = 0xabcd;
ecan1MsgBuf[2][5] = 0xabcd;
ecan1MsgBuf[2][6] = 0xabcd;
/* Request message buffer 2 transmission */
C1TR23CONbits.TXREQ2 = 0x1;
/* The following shows an example of how the TXREQ bit can be polled to check if transmission
is complete. */
while(C1TR23CONbits.TXREQ2 == 1);
/* Message was placed successfully on the bus */
while(1);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76