전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70353C 데이터시트(PDF) 47 Page - Microchip Technology

부품명 70353C
상세설명  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C 데이터시트(HTML) 47 Page - Microchip Technology

Back Button 70353C Datasheet HTML 43Page - Microchip Technology 70353C Datasheet HTML 44Page - Microchip Technology 70353C Datasheet HTML 45Page - Microchip Technology 70353C Datasheet HTML 46Page - Microchip Technology 70353C Datasheet HTML 47Page - Microchip Technology 70353C Datasheet HTML 48Page - Microchip Technology 70353C Datasheet HTML 49Page - Microchip Technology 70353C Datasheet HTML 50Page - Microchip Technology 70353C Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-47
Section 21. Enhanced Controller Area Network (ECAN™)
21
Example 21-4:
Code Example for Filtering Standard Data Frame (Continued)
A code example used to configure acceptance filter 2 to receive EID messages using the
acceptance filter mask register to mask EID<5:0> bits is shown in Example 21-5.
/* Select Acceptance Filter Mask 0 for Acceptance Filter 0 */
C1FMSKSEL1bits.F0MSK=0x0;
/* Configure Acceptance Filter Mask 0 register to mask SID<2:0>
* Mask Bits (11-bits) : 0b111 1111 1000 */
C1RXM0SIDbits.SID = 0x7F8;
/* Configure Acceptance Filter 0 to match standard identifier
Filter Bits (11-bits): 0b011 1010 xxx with the mask setting, message with SID
range 0x1D0-0x1D7 will be accepted by the ECAN module. */
C1RXF0SIDbits.SID = 0x01D0;
/* Acceptance Filter 0 to check for Standard Identifier */
C1RXM0SIDbits.MIDE = 0x1;
C1RXF0SIDbits.EXIDE= 0x0;
/* Acceptance Filter 0 to use Message Buffer 10 to store message */
C1BUFPNT1bits.F0BP = 0xA;
/* Filter 0 enabled for Identifier match with incoming message */
C1FEN1bits.FLTEN0=0x1;
/* Clear Window Bit to Access ECAN
* Control Registers */
C1CTRL1bits.WIN=0x0;
/* Place the ECAN module in normal
* mode. */
C1CTRL1bits.REQOP = 0;
while(C1CTRL1bits.OPMODE != 0);
/* The following code shows one example of how the application can wait
for a message to be received in message buffer 10 */
while(1)
{
/* Message was received. */
while (C1RXFUL1bits.RXFUL10 == 0);
C1RXFUL1bits.RXFUL10 = 0;
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76