전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2168 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN2168
상세설명  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics AN2168 Datasheet HTML 10Page - STMicroelectronics AN2168 Datasheet HTML 11Page - STMicroelectronics AN2168 Datasheet HTML 12Page - STMicroelectronics AN2168 Datasheet HTML 13Page - STMicroelectronics AN2168 Datasheet HTML 14Page - STMicroelectronics AN2168 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN2168
5 Boot management
11/15
Figure 7.
ST10F27x Standard bootstrap via CAN
5.2
Single chip mode
If the bootstrap mode isn’t activated (P0L.4 =1 & P0L.5=1) and EA = 1 during reset, the single
ship mode is enabled. In this mode, the reset vector is located in the internal memory. In this
case, the internal flash must contain a valid program at address 00’0000.
5.3
Boot from external memories
If the bootstrap mode isn’t activated (P0L.4 =1 & P0L.5=1) and EA = 0, the ST10F27x will start
fetching code from the external memory at address 00’0000. In this mode, the internal flash can
not be accessed.
P0L.4 = 0
P0L.5 = 0
VDD
8 KOhms
P4.5 : CAN1_Rx
VDD
External device
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15