전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2168 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN2168
상세설명  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics AN2168 Datasheet HTML 10Page - STMicroelectronics AN2168 Datasheet HTML 11Page - STMicroelectronics AN2168 Datasheet HTML 12Page - STMicroelectronics AN2168 Datasheet HTML 13Page - STMicroelectronics AN2168 Datasheet HTML 14Page - STMicroelectronics AN2168 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
6 ST10F27x basic schematics
AN2168
12/15
6
ST10F27x basic schematics
The schematic shown in Figure 8 illustrates the minimum hardware requirements to get the
ST10F276 running. In this example:
●
The ST10F276 runs at 40MHz generated using an 8-MHz external crystal and a prescaler
equal to 5 ( P0H.7 = 1, P0H.6 = P0H.5 = 0 during reset). Please refer to the Section 2:
Clock management on page 4.
●
The schematic shows the ST10 in stand-alone mode, without any external memory.
●
The standard bootstrap mode is activated by plugging the jumper J1 (P0L.4 = 0). As there
is no external memory, the device will always boot from internal memory and EA can be
forced to high level through the stand by mode RAM battery.
●
RS232 comminication with a host is established using the STMicroelectronics ST3232
transciever. Please refer to its related datasheet for detailed specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15