전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0014 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 PM0014
상세설명  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 13Page - STMicroelectronics PM0014 Datasheet HTML 14Page - STMicroelectronics PM0014 Datasheet HTML 15Page - STMicroelectronics PM0014 Datasheet HTML 16Page - STMicroelectronics PM0014 Datasheet HTML 17Page - STMicroelectronics PM0014 Datasheet HTML 18Page - STMicroelectronics PM0014 Datasheet HTML 19Page - STMicroelectronics PM0014 Datasheet HTML 20Page - STMicroelectronics PM0014 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
PM0014
Arithmetic library functions
17/46
5.3
Subtraction
5.3.1
sub_16
sub_16 (short Op1, short Op2, short *Output)
Description:
Subtraction of two real 16-bit inputs.
Argument:
Op1
Left operand.
Op2
Right operand.
Output
Output pointer.
Algorithm:
Op1 - Op2 = Output
Note:
Assembly source
code:
sub_16.asm
Code size and cycles: Size: 6 bytes
Instruction cycles: 10
Test:
Two files are provided to test the function: an input vector file
(Sub_16.in) and an output vector file (Sub_16.res):
Sub_16.in is made as follows:
Left operand1, Right operand1,
...
Sub_16.res is made as follows:
Output operand1,
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46