전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0014 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 PM0014
상세설명  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 31Page - STMicroelectronics PM0014 Datasheet HTML 32Page - STMicroelectronics PM0014 Datasheet HTML 33Page - STMicroelectronics PM0014 Datasheet HTML 34Page - STMicroelectronics PM0014 Datasheet HTML 35Page - STMicroelectronics PM0014 Datasheet HTML 36Page - STMicroelectronics PM0014 Datasheet HTML 37Page - STMicroelectronics PM0014 Datasheet HTML 38Page - STMicroelectronics PM0014 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
PM0014
Signal processing library functions
35/46
6.3
Finite impulse response filters
6.3.1
fir_q15_q15_q15
fir_q15_q15_q15 (struct Filter *FirPtr).
Description:
Real FIR filter of 16-bit fractional inputs, coefficients and outputs.
Argument:
FirPtr
Filter pointer.
Algorithm:
y(n) =
bi * x(n - i)
Note:
The delay line must be stored in DPRAM. Its size is 2*nb_coeff.
Before the first call to the function, the delay line must be initialized
to 0.
There is a saturation to 1 (respectively -1) if the computed output
sample is greater than 1 (respectively lower than -1).
Example of the use for fir_q15_q15_q15:
#
define FirNumberCoeffs NumberOfCoefficients
#define NbOutput NumberOfOutputSamples
iram short Delayline [FirNumberCoeffs];
iram short Coeff [FirNumberCoeffs];
void main ()
{
// Data definition
short Input[NbOutput];
short Out[NbOutput];
// Here should be the coef[] and input[] initialization.
See the Test part...
// Declare a filter structure
struct Filter *Filt;
// Initialisation of filt
Filt.NumberCoeffs = FirNumberCoeffs;
Filt.NumberOutputSamples = NbOutput;
Filt.CoeffPtr = Coeff;
Filt.InputPtr = Input;
Filt.OutputPtr = Out;
Filt.DelayLinePtr = Delayline;
//Filter processing
fir_q15_q15_q15(&Filt);
}
Coefficients must be stored in memory as follow:
addr
Filt.CoeffPtr
----> a0
addr
Filt.CoeffPtr + 2 ----> a1
...
addr
Filt.CoeffPtr + 2 * (FirNumberCoeffs -1)---->
aFirNumberCoeffs-1
Assembly source
code:
fir_q15_q15_q15.asm
i0
=
nbcoeff
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46