전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0014 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 PM0014
상세설명  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 32Page - STMicroelectronics PM0014 Datasheet HTML 33Page - STMicroelectronics PM0014 Datasheet HTML 34Page - STMicroelectronics PM0014 Datasheet HTML 35Page - STMicroelectronics PM0014 Datasheet HTML 36Page - STMicroelectronics PM0014 Datasheet HTML 37Page - STMicroelectronics PM0014 Datasheet HTML 38Page - STMicroelectronics PM0014 Datasheet HTML 39Page - STMicroelectronics PM0014 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Signal processing library functions
PM0014
36/46
Code size and cycles: Size: 88 bytes
Instruction Cycles: 30 + NbOutput * (12 + FirNumberCoeffs)
Test:
Two test cases are provided.
For each case, two files allow to test the function:
●
an input vector file (filterX_q15_q15_q15.in)
●
an output vector file (filterX_q15_q15_q15.res).
The configuration is the following:
●
number of coefficients: 64
●
number of output samples: 201
To perform the test, initialize the Delay line[] to zero, then Coeff[]
and Input[] with the filterX_q15_q15_q15.in file. The first values are
the coefficients of the filter and the rest of the values are the input
values. (See the example for declarations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46