전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1618 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 UM1618
상세설명  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 28Page - STMicroelectronics UM1618 Datasheet HTML 29Page - STMicroelectronics UM1618 Datasheet HTML 30Page - STMicroelectronics UM1618 Datasheet HTML 31Page - STMicroelectronics UM1618 Datasheet HTML 32Page - STMicroelectronics UM1618 Datasheet HTML 33Page - STMicroelectronics UM1618 Datasheet HTML 34Page - STMicroelectronics UM1618 Datasheet HTML 35Page - STMicroelectronics UM1618 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
API specification
UM1618
32/51
DocID024371 Rev 3
2.7.11
GetLock
Description
This function checks the block locking status of Low/Middle/High/Large address spaces in
the C55 module via either main or alternate interface.
Prototype
UINT32 GetLock (PSSD_CONFIG pSSDConfig,
UINT8 blkLockIndicator,
UINT32 *blkLockState);
Arguments
Return values
Troubleshooting
Table 43. Arguments for GetLock
Argument
Description
Range
pSSDConfig
Pointer to the SSD Configuration
Structure.
The values in this structure are chip-
dependent. Please refer to Section 2.3
for more details.
blkLockIndicator
Indicating the address space
which determines the address
space block locking register to be
checked.
Refer to Table 46 for valid values for this
parameter.
blkLockState
Returns the blocks’ locking status
in the given address space
Bit mapped value indicating the locking
status of the specified address space.
1: The block is locked from
program/erase.
0: The block is ready for program/erase
Table 44. Return values for GetLock
Type
Description
Possible values
UINT32
Successful completion or error value.
C55_OK
C55_ERROR_BLOCK_INDICATOR
C55_ERROR_ALTERNATE
Table 45. Troubleshooting for GetLock
Returned Error Bits
Possible causes
Solution
C55_ERROR_BLOCK_INDICATOR
The input blkLockIndicator is
invalid.
Set this argument to correct
value listed in Table 46.
C55_ERROR_ALTERNATE
User calls this function to get
lock status for Large block
space via alternate interface.
Alternate interface does not
support for Large block space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51