전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2744 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN2744
상세설명  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 3Page - STMicroelectronics AN2744 Datasheet HTML 4Page - STMicroelectronics AN2744 Datasheet HTML 5Page - STMicroelectronics AN2744 Datasheet HTML 6Page - STMicroelectronics AN2744 Datasheet HTML 7Page - STMicroelectronics AN2744 Datasheet HTML 8Page - STMicroelectronics AN2744 Datasheet HTML 9Page - STMicroelectronics AN2744 Datasheet HTML 10Page - STMicroelectronics AN2744 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AN2744
Electrical characteristics
7/56
1
Electrical characteristics
Table 1.
Electrical characteristics of the ST7538Q dual channel reference design
Parameter
Value
Notes
Min.
Typ.
Max.
Operating condition
Ambient operating
temperature
85 °C
If junction temperature
exceeds 180 °C the device
shuts down
Transceiver section
Selectable channel frequencies: 72 kHz (CH1), 86 kHz (CH2)
Transmitting specifications (Tx Mode)
Transmitting output voltage
level
2 VRMS
2.25 VRMS
R20 = 3.9 k
Ω, R22=2.2 kΩ
– see Table 2
Transmitting output current
limit
325 mARMS
R19 = 2 k
Ω – see Figure 2
Second harmonic distortion
-55 dB
Loaded with CISPR 16-1
network
Third harmonic distortion
-61 dB
Loaded with CISPR 16-1
network
50 Hz attenuation
100 dB
Receiving specifications (Rx Mode)
Minimum detectable Rx signal
53 dB/µVRMS
BER<10-3, negligible noise
Auxiliary supply
5 V linear regulator (VDC)
output voltage
-5%
5.05 V
+5%
ST7538Q internally generated
5 V linear regulator (VDC)
current capability
100 mA
Power supply section
AC mains voltage range
85 V
265 V
Mains frequency
50-60 Hz
Output voltage
-10%
10 V
+10%
Green LED ON
Output voltage ripple
1%
IOUT = 600 mA, VIN=85 VAC
Output current
600 mA
Output power
5.6 W
Efficiency at POUT = 3.5 W
70%
Nominal transformer
isolation(1)
4 kV
Primary to secondary/
secondary to auxiliary
Number of holdup cycles
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com