| 전자부품 데이터시트 검색엔진 |
|
AN2744 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2744 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 56 page ![]() AN2744 ST7538Q FSK power line transceiver description 11/56 signal is fed into the differential power amplifier to get four times the voltage swing and a current capability up to 370 mA rms. When in reception mode (i.e. RxTx line at high level), an incoming signal at the RAI line is demodulated and converted to a digital bit stream on the RxD pin. The internal control register, which contains the operating parameters of the ST7538Q transceiver, can be programmed only using the SPI interface. The control register settings include the header recognition and frame length count functions, which can be used to apply byte and frame synchronization to the received messages. |