| 전자부품 데이터시트 검색엔진 |
|
AN2744 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2744 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 56 page ![]() AN2744 Safety precautions 9/56 2 Safety precautions The board must be used only by expert technicians. Due to the high voltage (220 V ac) present on the parts which are not isolated, special care should be taken with regard to people's safety. There is no protection against high voltage accidental human contact. After disconnection of the board from the mains, none of the live parts should be touched immediately because of the energized capacitors. It is mandatory to use a mains insulation transformer to perform any tests on the high voltage sections (see circuit sections highlighted in Figure 7 and Figure 8) in which test instruments like spectrum analyzers or oscilloscopes are used. Do not connect any oscilloscope probes to high voltage sections in order to avoid damaging instruments and demonstration tools. Warning: ST assumes no responsibility for any consequences which may result from the improper use of this tool. |