전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD17708 데이터시트(PDF) 250 Page - NEC

부품명 UPD17708
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD17708 데이터시트(HTML) 250 Page - NEC

Back Button UPD17708 Datasheet HTML 246Page - NEC UPD17708 Datasheet HTML 247Page - NEC UPD17708 Datasheet HTML 248Page - NEC UPD17708 Datasheet HTML 249Page - NEC UPD17708 Datasheet HTML 250Page - NEC UPD17708 Datasheet HTML 251Page - NEC UPD17708 Datasheet HTML 252Page - NEC UPD17708 Datasheet HTML 253Page - NEC UPD17708 Datasheet HTML 254Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 356 page
background image
250
µPD17704, 17705, 17707, 17708, 17709
(4) Interrupt request issuance timing
An interrupt request is issued at the rising of the shift clock when the value of the clock counter is “8”.
(5) Shift clock generation timing
(a) On releasing wait status from initial status
The initial status is the status when the P0B2/SCK1 pin is set in the output mode and the internal clock
operation is selected.
In the wait status, a high level is output to the shift clock pin.
The wait status can be released and a clock can be selected at the same time.
Figure 16-20. Shift Clock Generation Timing of Serial Interface 1 (1/4)
1/fSC
Wait status
Shift clock
Wait released
Initialization
1 : 1
(b) When wait operation is performed (normal operation)
<1> If wait status is set at the 8th clock (normal operation)
Figure 16-20. Shift Clock Generation Timing of Serial Interface 1 (2/4)
Shift clock
Wait
Wait release period
Wait period
1/fSC
Wait released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More