전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD17708 데이터시트(PDF) 115 Page - NEC

부품명 UPD17708
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD17708 데이터시트(HTML) 115 Page - NEC

Back Button UPD17708 Datasheet HTML 111Page - NEC UPD17708 Datasheet HTML 112Page - NEC UPD17708 Datasheet HTML 113Page - NEC UPD17708 Datasheet HTML 114Page - NEC UPD17708 Datasheet HTML 115Page - NEC UPD17708 Datasheet HTML 116Page - NEC UPD17708 Datasheet HTML 117Page - NEC UPD17708 Datasheet HTML 118Page - NEC UPD17708 Datasheet HTML 119Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 356 page
background image
115
µPD17704, 17705, 17707, 17708, 17709
11.3.4 Status of input port at reset
(1) At power-ON reset
All the input ports are set in the input mode.
All the pull-down resistors of P0D are connected.
(2) At WDT&SP reset
All the input ports are set in the input mode.
All the pull-down resistors of P0D are connected.
(3) At CE reset
The input ports are set in the input mode.
The pull-down resistors of P0D retain the previous status.
(4) On execution of clock stop instruction
The input ports are set in the input mode.
The pull-down resistors of P0D retain the previous status.
(5) In halt status
The previous status is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More