전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD17708 데이터시트(PDF) 178 Page - NEC

부품명 UPD17708
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD17708 데이터시트(HTML) 178 Page - NEC

Back Button UPD17708 Datasheet HTML 174Page - NEC UPD17708 Datasheet HTML 175Page - NEC UPD17708 Datasheet HTML 176Page - NEC UPD17708 Datasheet HTML 177Page - NEC UPD17708 Datasheet HTML 178Page - NEC UPD17708 Datasheet HTML 179Page - NEC UPD17708 Datasheet HTML 180Page - NEC UPD17708 Datasheet HTML 181Page - NEC UPD17708 Datasheet HTML 182Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
178
13.4.5 Error of timer 1
Timer 1 has an error of up to 1 basic clock in the following cases.
(1) On starting/stopping counter
The counter is started or stopped by setting the TM1EN flag.
Therefore, an error of 0 to +1 clocks occurs when the TM1EN flag is set, and an error of –1 to 0 clocks
occurs when the flag is reset.
In all, an error of
±1 count occurs.
(2) On resetting counter operation
An error of 0 to +1 clocks occurs when the counter is reset.
(3) On selecting basic clock during counter operation
An error of 0 to +1 clocks of the newly selected clock occurs.
13.4.6 Cautions on using timer 1
Timer 1 interrupt may occur simultaneously with the other timer interrupts and CE reset. If it is necessary
to update the timer at CE reset, do not use timer 1, use basic timer 0 instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More