전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN628 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN628
상세설명  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 14Page - STMicroelectronics AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
AN628 APPLICATION NOTE
18/35
Figure 20.
Figure 21.
The energy transferred from the boost inductor to the bulk capacitor in each cycle is:
where:
L = Boost Inductance
ILp = Inductor Peak Current (ILt +
∆IL/2)
ILv = Inductor Valley Current (ILt -
∆IL/2)
ILt = Instantaneous Line Current (ILp + ILv)/2
∆IL = Twice Inductor Current Ripple (ILp - ILV)
Because the instantaneous line current (ILt) that corresponds to the average inductor current in the cycle, draws
a full rectified (half- sinusoidal) waveform, it is useful to refer to the AC line RMS and peak parameters:
where:
Irms = ILrms = PI/VIrms is the line current
PI = PO/
η is the input power
η is the power yeld.
E/cycle
1
2
--- LI
Lp
2
I
Lv
2
–
()
⋅
LI
Lt
I
L
∆
⋅⋅
==
I
Lpk
2I
Lrms
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35