전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD17P236 데이터시트(PDF) 4 Page - NEC

부품명 UPD17P236
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD17P236 데이터시트(HTML) 4 Page - NEC

  UPD17P236 Datasheet HTML 1Page - NEC UPD17P236 Datasheet HTML 2Page - NEC UPD17P236 Datasheet HTML 3Page - NEC UPD17P236 Datasheet HTML 4Page - NEC UPD17P236 Datasheet HTML 5Page - NEC UPD17P236 Datasheet HTML 6Page - NEC UPD17P236 Datasheet HTML 7Page - NEC UPD17P236 Datasheet HTML 8Page - NEC UPD17P236 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
µPD17P236
4
Data Sheet U14776EJ1V0DS00
(2) PROM programming mode
• 28-pin plastic SOP (9.53 mm (375))
µPD17P236M1GT, 17P236M2GT, 17P236M3GT, 17P236M4GT
D2
D3
D1
D0
D7
D6
D5
D4
MD3
MD2
MD1
MD0
VPP
(Open)
VDD
(Open)
CLK
GND
(L)
(L)
(L)
(Open)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32