전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3308 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 AN3308
상세설명  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 18Page - STMicroelectronics AN3308 Datasheet HTML 19Page - STMicroelectronics AN3308 Datasheet HTML 20Page - STMicroelectronics AN3308 Datasheet HTML 21Page - STMicroelectronics AN3308 Datasheet HTML 22Page - STMicroelectronics AN3308 Datasheet HTML 23Page - STMicroelectronics AN3308 Datasheet HTML 24Page - STMicroelectronics AN3308 Datasheet HTML 25Page - STMicroelectronics AN3308 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Inertial interrupt
AN3308
22/52
Doc ID 18198 Rev 1
Figure 7.
Free-fall, wake-up interrupt generator
The threshold module which is used by the system to detect any free-fall or inertial wake-up
event is defined by the INT1_THS register. The threshold value is expressed over 7 bits as
an unsigned number and is symmetrical around the zero-g level. XH (YH, ZH) is true when
the unsigned acceleration value of the X (Y, Z) channel is higher than INT1_THS. Similarly,
XL (YL, ZL) low is true when the unsigned acceleration value of the X (Y, Z) channel is lower
than INT1_THS. Refer to Figure 8 for more details.
Figure 8.
FF_WU_CFG high and low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52