전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3308 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 AN3308
상세설명  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 22Page - STMicroelectronics AN3308 Datasheet HTML 23Page - STMicroelectronics AN3308 Datasheet HTML 24Page - STMicroelectronics AN3308 Datasheet HTML 25Page - STMicroelectronics AN3308 Datasheet HTML 26Page - STMicroelectronics AN3308 Datasheet HTML 27Page - STMicroelectronics AN3308 Datasheet HTML 28Page - STMicroelectronics AN3308 Datasheet HTML 29Page - STMicroelectronics AN3308 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Inertial interrupt
AN3308
26/52
Doc ID 18198 Rev 1
The code sample exploits a threshold set at 350 mg for free-fall recognition and the event is
notified by the hardware signal INT1. At step 7, the INT1_DURATION register is configured
like this to ignore events that are shorter than 3/DR = 3/100 ~= 30 msec in order to avoid
false detections.
Once the free-fall event has occurred, a reading of the INT1_SRC register clears the request
and the device is ready to recognize other events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52