전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4241 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN4241
상세설명  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics AN4241 Datasheet HTML 12Page - STMicroelectronics AN4241 Datasheet HTML 13Page - STMicroelectronics AN4241 Datasheet HTML 14Page - STMicroelectronics AN4241 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN4241
Motion engine
Doc ID 024193 Rev 1
11/18
Figure 7.
Initialization position using GoUntil and ReleaseSW commands
Load in unknown
position
Position sensor
(limit switch)
Stepper motor
dSPIN family motor driver
GoUntil command is executed and the load reaches the limit switch
SW
SW
ReleaseSW command is executed and the load is positioned
exactly on the triggering point of the limit switch
SW
AM16593v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18