전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4241 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4241
상세설명  The L6470 and L6472 are fully integrated motor drivers providing
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4241 Datasheet HTML 10Page - STMicroelectronics AN4241 Datasheet HTML 11Page - STMicroelectronics AN4241 Datasheet HTML 12Page - STMicroelectronics AN4241 Datasheet HTML 13Page - STMicroelectronics AN4241 Datasheet HTML 14Page - STMicroelectronics AN4241 Datasheet HTML 15Page - STMicroelectronics AN4241 Datasheet HTML 16Page - STMicroelectronics AN4241 Datasheet HTML 17Page - STMicroelectronics AN4241 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Layout suggestions
AN4241
16/18
Doc ID 024193 Rev 1
6
Layout suggestions
The devices of the dSPIN™ family integrate a power stage which can dissipate a significant
amount of power compared to the die dimension. For this reason, the devices are proposed
in packages with high thermal performance and exposed pads in order to ease the heat
dissipation.
In this situation, the layout of the board is a significant part of the thermal design of the
application.
The exposed pad of the device must be directly connected to the ground layer of the board,
which acts as a heat sink. For the same reason, the size of the ground layer must be as
wider as possible and, if more layers are present, the top and bottom ones should be
preferred. In multi-layer designs the exposed pad must be connected to all the ground layers
using multiple vias equally spaced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18