전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIM400GDM33-F000 데이터시트(PDF) 1 Page - Dynex Semiconductor

부품명 DIM400GDM33-F000
상세설명  Dual Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYNEX [Dynex Semiconductor]
홈페이지  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400GDM33-F000 데이터시트(HTML) 1 Page - Dynex Semiconductor

  DIM400GDM33-F000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM400GDM33-F000
Dual Switch IGBT Module
Replaces DS5616-2.1
DS5616-3 February 2014 (LN31315)
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
1/8
www.dynexsemi.com
FEATURES
10µs Short Circuit Withstand
High Thermal Cycling Capability
Soft Punch Through Silicon
Isolated AlSiC Base with AlN Substrates
Lead Free construction
APPLICATIONS
High Reliability Inverters
Motor Controllers
Traction Drives
Choppers
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 1200V to
6500V and currents up to 2400A.
The DIM400GDM33-F000 is a single switch 3300V, n-
channel enhancement mode, insulated gate bipolar
transistor (IGBT) module. The IGBT has a wide
reverse bias safe operating area (RBSOA) plus 10μs
short circuit withstand. This device is optimised for
traction drives and other applications requiring high
thermal cycling capability.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM400GDM33-F000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VCES
3300V
VCE(sat) * (typ)
2.8V
IC
(max)
400A
IC(PK)
(max)
800A
* Measured at the auxiliary terminals
Fig. 1 Circuit configuration
Outline type code: G
(See Fig. 11 for further information)
Fig. 2 Package
8(E
2)
9(G
2)
10(C
2)
6(G
1)
5(C
1)
3(C1)
7(E
1)
4(E2)
2(C)
1(E1)


유사한 부품 번호 - DIM400GDM33-F000_15

제조업체부품명데이터시트상세설명
logo
Dynex Semiconductor
DIM400GDM33-F000 DYNEX-DIM400GDM33-F000 Datasheet
471Kb / 8P
Dual Switch IGBT Module
More results

유사한 설명 - DIM400GDM33-F000_15

제조업체부품명데이터시트상세설명
logo
Dynex Semiconductor
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
Dual Switch IGBT Module
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000_10 Datasheet
317Kb / 8P
Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000_15 Datasheet
391Kb / 8P
Dual Switch IGBT Module
DIM400DDS12-A000 DYNEX-DIM400DDS12-A000_15 Datasheet
390Kb / 8P
Dual Switch IGBT Module
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
Dual Switch IGBT Module
DIM600DDS12-A000 DYNEX-DIM600DDS12-A000_15 Datasheet
392Kb / 8P
Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
Dual Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com