전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIM400GDM33-F000 데이터시트(PDF) 3 Page - Dynex Semiconductor

부품명 DIM400GDM33-F000
상세설명  Dual Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYNEX [Dynex Semiconductor]
홈페이지  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM400GDM33-F000 데이터시트(HTML) 3 Page - Dynex Semiconductor

  DIM400GDM33-F000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM400GDM33-F000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIM400GDM33-F000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
3/8
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICES
Collector cut-off current
VGE = 0V, VCE = VCES
2
mA
VGE = 0V, VCE = VCES, Tcase = 125°C
30
mA
IGES
Gate leakage current
VGE = ± 20V, VCE = 0V
1
μA
VGE(TH)
Gate threshold voltage
IC = 40mA, VGE = VCE
5.5
6.5
7.0
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 15V, IC = 400A
2.8
V
VGE = 15V, IC = 400A, Tj = 125°C
3.6
V
IF
Diode forward current
DC
400
A
IFM
Diode maximum forward current
tp = 1ms
800
A
VF
Diode forward voltage
IF = 400A
2.9
V
IF = 400A, Tj = 125°C
3.0
V
Cies
Input capacitance
VCE = 25V, VGE = 0V, f = 1MHz
72
nF
Qg
Gate charge
±15V
10
μC
Cres
Reverse transfer capacitance
VCE = 25V, VGE = 0V, f = 1MHz
1.1
nF
LM
Module inductance
25
nH
RINT
Internal transistor resistance
260
μ
SCData
Short circuit current, ISC
Tj = 125°C, VCC = 2500V
tp ≤ 10μs, VGE ≤ 15V
VCE (max) = VCES – L
* x dI/dt
IEC 60747-9
1850
A
Note:
† Measured at the power busbars, not the auxiliary terminals
* L is the circuit inductance + LM



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com