전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1447 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN1447
상세설명  SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1447 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN1447 Datasheet HTML 3Page - STMicroelectronics AN1447 Datasheet HTML 4Page - STMicroelectronics AN1447 Datasheet HTML 5Page - STMicroelectronics AN1447 Datasheet HTML 6Page - STMicroelectronics AN1447 Datasheet HTML 7Page - STMicroelectronics AN1447 Datasheet HTML 8Page - STMicroelectronics AN1447 Datasheet HTML 9Page - STMicroelectronics AN1447 Datasheet HTML 10Page - STMicroelectronics AN1447 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
4-MULTIPLEXED LCD WITH A STANDARD ST62
2 LCD DRIVING SOFTWARE LIBRARY
This library consists in one MAST6 source file, LCD_drv.st6, and its associated include file,
LCD_drv.inc
. It is targeted to a certain kind of LCD structure. Source code is provided to fa-
cilitate customisation to a particular LCD and application. The following section presents some
guidelines on how to use and customize the library.
The targeted LCD is organized into four classical 7-segment digits, plus four icons (e.g. a
colon at the middle), creating four “8-segment digits”. Each digit uses the four backplane pins
and two frontplane pins.
Figure 6. Connections for an 8-segment digit (example with a colon)
Typically, this kind of LCD is suited to 24-hour clock display. Therefore, the digits are called,
from left to right: “hours digit 1”, “hours digit 0”, “minutes digit 1”, “minutes digit 0”.
The first part of this section explains how to use the library provided the LCD is wired exactly
like the target is, and provided the MCU pin allocations are compatible with the rest of the ap-
plication. The second part gives more details on the data operations performed internally by
the driver, to be able to customise it if necessary. Finally, the third part gives an example of
how to manage timing resources to combine LCD requirements with the main tasks of the ap-
plication.
2.1 NON-CUSTOMISED USAGE
2.1.1 Allocation of I/O resources
All the MCU output pins generating the
S signals are located in the same I/O port, called “seg-
ments port”. A different I/O port, called “commons port” is used for the pins generating the
COM signals. The software driver has no effect on the other I/O pins, even if they are located
in one of those ports.
COM3
COM2
COM1
COM0
S3
S2
AM
PM
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com