전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1447 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN1447
상세설명  SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1447 데이터시트(HTML) 2 Page - STMicroelectronics

  AN1447 Datasheet HTML 1Page - STMicroelectronics AN1447 Datasheet HTML 2Page - STMicroelectronics AN1447 Datasheet HTML 3Page - STMicroelectronics AN1447 Datasheet HTML 4Page - STMicroelectronics AN1447 Datasheet HTML 5Page - STMicroelectronics AN1447 Datasheet HTML 6Page - STMicroelectronics AN1447 Datasheet HTML 7Page - STMicroelectronics AN1447 Datasheet HTML 8Page - STMicroelectronics AN1447 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
4-MULTIPLEXED LCD WITH A STANDARD ST62
1 LCD DRIVING PRINCIPLES
1.1 LCD REQUIREMENTS
An LCD segment can either be transparent (“off”) or opaque (“on”), depending on the voltage
applied to it. On Figure 1, this voltage is the difference between
COM and S voltages. On most
LCDs (reflective positive displays) an opaque segment is seen dark and a transparent seg-
ment is seen clear (same colour as the background).
Figure 1. Equivalent Electrical Schematic of an LCD Segment
If no voltage is applied to it, a segment is transparent. To make it opaque, the LCD driver must
apply an AC voltage which Root Mean Square (RMS) value is above a certain threshold. This
voltage threshold depends on the LCD characteristics.
Segment voltage must also comply with the following conditions:
– Its absolute DC (mean) value must be very low (under 100 mV typically). Otherwise, the life
time of the LCD can be shortened.
– Its frequency must be in the range 30 – 2000 Hz typically. If too low, the display flickers. If
too high, driving generates more power consumption.
1.2 DIRECT LCD DRIVE
Each LCD segment is located between a segment electrode and a backplane common to all
the segments (see Figure 2). Therefore, a display using
N segments contains (N+1) external
connections:
N “segment electrode” pins (S0, S1,…) and 1 “common” pin (COM).
C
Rs
S
COM
segment
electrode
backplane
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com