전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1447 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN1447
상세설명  SOFTWARE DRIVER FOR 4-MULTIPLEXED LCD WITH A STANDARD ST62
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1447 데이터시트(HTML) 3 Page - STMicroelectronics

  AN1447 Datasheet HTML 1Page - STMicroelectronics AN1447 Datasheet HTML 2Page - STMicroelectronics AN1447 Datasheet HTML 3Page - STMicroelectronics AN1447 Datasheet HTML 4Page - STMicroelectronics AN1447 Datasheet HTML 5Page - STMicroelectronics AN1447 Datasheet HTML 6Page - STMicroelectronics AN1447 Datasheet HTML 7Page - STMicroelectronics AN1447 Datasheet HTML 8Page - STMicroelectronics AN1447 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
4-MULTIPLEXED LCD WITH A STANDARD ST62
Figure 2. Connections inside a direct drive LCD
All these pins are connected to MCU I/O pins operating in output mode, either at logic level 0
or at logic level 1.
The backplane is driven with a signal
COM controlled between 0 and VDD with a duty cycle of
50%.
When selecting a segment ON, a signal with opposite polarity to
COM is sent to the corre-
sponding segment electrode pin. When the non-inverted signal
COM is sent to the segment
electrode pin, the segment is OFF.
Figure 3. LCD signals for non-multiplexed drive
Note: on Figure 3,
S signal is the “segment electrode voltage” and S∆ the “segment voltage”.
S1
COM
backplane
S0
segment
electrodes
…
t
t
t
COM
S
S∆ = COM - S
Vdd
0
Vdd
0
Vdd
0
-Vdd
(
S∆)RMS = 0 ⇒ segment OFF
(
S∆)RMS = Vdd ⇒ segment ON
S∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com