| 전자부품 데이터시트 검색엔진 |
|
AN2633 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2633 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 48 page ![]() STR91xFA library low power mode functions AN2633 24/48 2.8 SCU_AHBPeriphClockConfig AHBPeriph The following values are allowed for the AHBPeriph parameter: __FMI, __PFQBC, __SRAM, __SRAM_ARBITER, __VIC, __EMI, __EXT_MEM_CLK, __DMA, __USB, __USB48M, __ENET. 2.9 SCU_APBPeriphIdleConfig Function name SCU_AHBPeriphClockConfig Function prototype void SCU_AHBPeriphClockConfig(u32 AHBPeriph, FunctionalState NewState) Behavior description Disables / enables the clock for a peripheral or combination of peripherals (use logical OR) on AHB bus Input parameter1 AHBPeriph: __PPP, example: __DMA, __USB, ... Refer to AHBPeriph for the allowed values. Input parameter2 NewState: ENABLE or DISABLE Output parameter None Return parameter None Required preconditions None Called functions None Function name SCU_APBPeriphIdleConfig Function prototype void SCU_APBPeriphIdleConfig(u32 APBPeriph, FunctionalState NewState) Behavior description Enables/disables the clock for a peripheral during Idle mode Input parameter1 APBPeriph Refer to APBPeriph on page 23 for the allowed values. Input parameter2 NewState: ENABLE or DISABLE Output parameter None Return parameter None Required preconditions None Called functions None |