전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2633 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN2633
상세설명  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 데이터시트(HTML) 4 Page - STMicroelectronics

  AN2633 Datasheet HTML 1Page - STMicroelectronics AN2633 Datasheet HTML 2Page - STMicroelectronics AN2633 Datasheet HTML 3Page - STMicroelectronics AN2633 Datasheet HTML 4Page - STMicroelectronics AN2633 Datasheet HTML 5Page - STMicroelectronics AN2633 Datasheet HTML 6Page - STMicroelectronics AN2633 Datasheet HTML 7Page - STMicroelectronics AN2633 Datasheet HTML 8Page - STMicroelectronics AN2633 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Power supply and clocks
AN2633
4/48
1
Power supply and clocks
1.1
Power supply
1.1.1
Main operating voltages
The STR91xFA requires two separate operating voltage supplies. The CPU and memories
operate from a 1.65 V to 2.0 V on the VDD pins, and the I/O ring operates at 2.7 V to 3.6 V on
the VDDQ pins.
Figure 1.
Power supply overview
I/O Ring
RTC
SRAM
(VDDQ) AVREF_AVDD
AVSS_VSSQ
(3V or 3.3V)
VBATT
(VDDQ)
(1.8V)
Core
A/D converter
VSSQ
VDDQ
VDD
VSS
A/D converter
I/O Ring
RTC
SRAM
Core
VSSQ
VBATT
(VDDQ)
VDD
VSS
(1.8V)
(3V or 3.3V)
AVREF
AVSS
AVDD
(VDDQ)
VDDQ
128-pin, 144-ball devices
80-pin-devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com