전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2641 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 AN2641
상세설명  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 16Page - STMicroelectronics AN2641 Datasheet HTML 17Page - STMicroelectronics AN2641 Datasheet HTML 18Page - STMicroelectronics AN2641 Datasheet HTML 19Page - STMicroelectronics AN2641 Datasheet HTML 20Page - STMicroelectronics AN2641 Datasheet HTML 21Page - STMicroelectronics AN2641 Datasheet HTML 22Page - STMicroelectronics AN2641 Datasheet HTML 23Page - STMicroelectronics AN2641 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Linux frame buffer
AN2641
20/37
Doc ID 14027 Rev 1
the environment variable $FRAMEBUFFER to the path name of a frame buffer device,
e.g. (for sh/bash users):
export FRAMEBUFFER=/dev/fb1
or (for csh users):
setenv FRAMEBUFFER /dev/fb1
After this the X server will use the second frame buffer.
6.2
Kernel level modifications for CLCD
The kernel can be changed to accommodate information about a new CLCD panel. The files
which need to changed are:
For SPEAr300:
'arch/arm/mach-spear300/spear300.c' (or 'arch/arm/mach-spearbasic/spearbasic.c')
and 'drivers/video/Kconfig'.
For SPEAr600:
'arch/arm/mach-spear600/spear600.c' (or 'arch/arm/mach-spearbasic/spearplus.c').



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37