| 전자부품 데이터시트 검색엔진 |
|
AN2674 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2674 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 22 page ![]() Low-inductance decoupling capacitor layout AN2674 20/22 Doc ID 14204 Rev 2 A.2 Low inductance layout for decoupling capacitors Figure 10 shows a low inductance layout for a 0402 decoupling capacitor using 2 vias with a 10 mil drill size. The main features are 1. Vias placed close to the lands 2. Vias of opposite polarity place close together 3. Trace connecting land to via is wide. Figure 10. Low-inductance layout for 0402 package. Table 7. Dimensions for compact 0402 land pattern Dimension Value Units A20 mils B20 mils C15 mils Table 8. Dimensions for a low inductance capacitor layout Dimension Value Units D (land to hole) Fabrication tolerance dependent(1) 1. The land to hole separation is determined by the PCB fabrication tolerances. This is usually 8 - 10 mils. mils E (hole to hole) Fabrication tolerance dependent(2) 2. This distance should be minimized, consistent with PCB fabrication tolerances, typically about 30 mils. If the capacitor is placed within a BGA ball field, dimension E should be the same as the ball pitch mils F (trace width) 20 mils |