전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2972 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN2972
상세설명  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 8Page - STMicroelectronics AN2972 Datasheet HTML 9Page - STMicroelectronics AN2972 Datasheet HTML 10Page - STMicroelectronics AN2972 Datasheet HTML 11Page - STMicroelectronics AN2972 Datasheet HTML 12Page - STMicroelectronics AN2972 Datasheet HTML 13Page - STMicroelectronics AN2972 Datasheet HTML 14Page - STMicroelectronics AN2972 Datasheet HTML 15Page - STMicroelectronics AN2972 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
How to design an antenna on a PCB
AN2972
12/25
Doc ID 15629 Rev 6
2.3
Inductance of a square antenna
, where:
●
d = (dout + din)/2 in millimeters, where:
dout = outer diameter
din = inner diameter
●
p = (dout – din)/(dout + din) in millimeters
●
K1 and K2 depend on the layout (refer to Table 2 for values)
Figure 10. Square antennas
2.4
ST antenna calculation tool
ST provides a simplified software tool (
antenne.exe) to compute inductances of rectangular
planar antennas. The purpose of this tool is to give good approximations: the obtained
results should be verified.
This tool uses the Grover method (see Equation 1). Figure 11 shows the user interface.
Equation 1: Grover method
, where:
●
M is the mutual inductance between each of the antenna segments
●
L0 is as defined in Equation 2
Equation 2:
, where:
●
s is the number of segments
●
Lj is the self inductance of each segment
Table 2.
K1 and K2 values according to layout
Layout
K1
K2
Square
2.34
2.75
Hexagonal
2.33
3.82
Octagonal
2.25
3.55
L
ant
K1
μ
0
×
N
2
×
d
1K2 p
⋅
+
-------------------------
×
=
L
ant
L
0
M
+
=
L
0
L
j
j1
=
s
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25