전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2972 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN2972
상세설명  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 10Page - STMicroelectronics AN2972 Datasheet HTML 11Page - STMicroelectronics AN2972 Datasheet HTML 12Page - STMicroelectronics AN2972 Datasheet HTML 13Page - STMicroelectronics AN2972 Datasheet HTML 14Page - STMicroelectronics AN2972 Datasheet HTML 15Page - STMicroelectronics AN2972 Datasheet HTML 16Page - STMicroelectronics AN2972 Datasheet HTML 17Page - STMicroelectronics AN2972 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
How to design an antenna on a PCB
AN2972
14/25
Doc ID 15629 Rev 6
Figure 12. Rectangular planar antennas
Once the antenna coil inductance has been calculated, a prototype coil is realized. The
value of the so-obtained prototype must then be validated by measurement. This can be
done using either a contactless or a non-contactless method.
2.5
PCB layout
2.5.1
M24LRxx-antenna distance
The M24LRxx must be laid out as close as possible to the antenna (a few millimeters). Any
additional wire/trace would change the antenna characteristics and tuning.
2.5.2
Ground layer considerations
Designing an inductive antenna on a PCB means that special attention must be paid to
ground plane design:
●
no ground plane above or below the antenna
●
no ground plane surrounding the antenna
Figure 13 shows a correct layout.
Width
Length
s
w
1
1
8
10
3 turns, 10 segments
2 turns, 8 segments
ai15815
thickness
(cross-section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25